Part Number Hot Search : 
2SD25 01200 SSM9977M PSMS24C 2SD25 M1200 XN02216 HIP6603B
Product Description
Full Text Search
 

To Download CAT16-PT2F2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

NT
HIGH PERFORMANCE TERMINATION NETWORK Miniaturized circuitry and packaging for space reduction Designed for gigabit communication networks
CO
M

*R
oH
Controlled impedance RoHS compliant*
S
CAT16-PT2F2 - Concave Chip Array
Electrical Characteristics
Resistance R1 .............................................100 ohms Tolerance .............................................1% TCR .........................................200ppm/C Temperature Range ...........-55C to +125C Max. Operating Voltage ....................5 VDC Max. Power Resistance ................. .0625W Solderability ......................>95% Coverage
Product Dimensions
8
.60 .10 (.024 .004) .45 .10 (.018 .004)
7
6
5
.30 .10 DIA. (.012 .004) .40 .10 (.016 .004)
1.60 .15 (.063 .060)
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
DIMENSIONS ARE: MM (INCHES)
.80 .10 (.031 .004)
3.20 .15 (.126 .006)
.40 .10 (.016 .004)
1
2
3
4
Packaging Specifications
5000 pcs - per 7" reel
4.0 .10 (.157 .004)
1.1 (.043)
1.9 .15 (.075 .006)
2.0 .05 (.079 .002)
13 0.5 DIA. (.512 .020) 60.0 1.0 DIA. (2.36 .039) 8.0 .05 (.138 .012) 21 0.5 (.827 .020) 12.5 2 (.492 .079) 178.0 2.0 (7.008 .080)
3.6 .20 (.142 .008)
3.5 .05 (.138 .002)
4.0 .10 (.158 .004)
1.5 +.10/-0 (.060 +.004/-0)
1.75 .10 (.069 .004)
10.0 1.5 (.394 .059)
Derating Curve
Rated power in percentage (%)
Land Pattern
Solder resist
100 80 60 40 20 0 -55 0 70 ( Ambient temperature C) 125
0.7 to 0.9 (.028 to .035)
Land
Chip resistor array CAT
2.0 to 2.2 (.079 to .087)
Schematic
8 7 6 5
0.4 to 0.45 (.016 to .0178)
0.80 (.032)
R1
R1
1
2
3
4
REV. 05/06 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CAT16-PT2F2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X